Part Number Hot Search : 
02255 MOD0250 MC10H302 PNZ108F HWF1686 FN3187 W9412 101EF
Product Description
Full Text Search
 

To Download GF1M1FADS4L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 



positronic products d-subminiature power contact sizes : 8, 20 and 22 current ratings : to 40 amperes nominal te r m i nations : crimp, wire solder, straight solder, right angle solder and straight press-fit configurations : multiple variants in both standard and high densities qualifications : mil-dtl-24308, goddard space flight 311p, mil-c-39029, ip65, ip67 contact sizes: 0, 8, 12, 16, 20 and 22 current ratings: to 150 amperes te rminations: crimp, wire solder, straight solder, right angle solder, straight press-fit and right angle press-fit configurations: multiple variants in a variety of package sizes compliance: picmg 2.11, picmg 3.0, vita 41 features : three performance levels available: professional quality, military quality and space-flight quality provide multiple performance to cost choices  options include thermocouple contacts, filtered, environmentally sealed and dual port package including mixed density  broad selection of accessories features: hot swap capability  ac/dc operation in a single connector  signal contacts for hardware management  blind mating  sequential mating  large surface area contact mating system  wide variety of accessories  customer specified contact arrangements circular rectangular contact sizes : 16, 20 and 22 current ratings : to 13 amperes te r m i nations : crimp, wire solder, straight solder and right angle solder configurations : multiple variants in both standard and high densities qualifications : mil-dtl-28748, mil-c-39029, ccitt v.35 contact sizes : 12, 16, 20 and 22 current ratings : to 25 amperes nominal te r m i nations : crimp, wire solder, straight solder and right angle solder configurations : multiple variants in two package sizes qualifications : environmental protection to ip67 features : t wo performance levels available: industrial quality and military quality provide two performance to cost choices  large surface area contact mating system  a wide variety of accessories  broad selection of contact variants and package sizes features : non-corrodible / lightweight composite construction  emi/rfi shielded versions  thermocouple contacts  environmentally sealed versions  rear insertion/ front release of removable contacts  tw o level sequential mating  overmolding available on full assemblies cable hermetic contact sizes : 8, 12, 16, 20 and 22 current ratings : to 40 amperes nominal te r m i nations : feed through is standard; flying leads and board mount available upon request configurations : see d-subminiature and circular configurations above qualifications : space-d32 all positronic connector products can be supplied as part of cable assemblies whose technical characteristics would reflect those of the connectors being used within the assembly. features : shorten the supply chain and reduce additional costs and delays by ?cablizing?  overmolding available  shielded and environmentally sealed versions available  power cables and access boxes which meet the sae j2496 specification features : intended for use as an electrical feedthrough in high vacuum applications  leakage rate: 1 x 10 - 9 mbar.l/s  signal, power, coax and high voltage versions available  connectors can be mounted on flange assembly per customer specification positronic industries for more information, visit www.connectpositronic.com or call your nearest positronic sales office as given on the back of this catalog.


▲Up To Search▲   

 
Price & Availability of GF1M1FADS4L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X